Part Number Hot Search : 
S04DMS RGP40 M317LZ IRLI530N TDSO5150 MCT2X GP30ME3 ICS503MT
Product Description
Full Text Search
 

To Download BAT54W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54W/BAT54CW BAT54AW/BAT54SW
Surface Mount Schottky Barrier Diodes
SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
Features: *Extremely Fast Switching Speed *Low Forward Voltage *Very Small Conduction Losses *Schottky Barrier Diodes Encapsulated in a SOT-323 Package *Lead(Pb)-Free Description: These schottky barrier diodes are designed for high speed switching applications circuit protection, and voltage clamping, Extremely low forward voltage reduces conduction loss, Miniature surface mount package is excellent for hand held and portable applications where space is limited.
3 1 2
SOT-323(SC-70)
SOT-323 Outline Demensions
Unit:mm
A
SOT-323
B C
T OP V IE W
D E G H K L
J
M
Dim A B C D E G H J K L M
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
WEITRON
hpp://www.weitron.com.tw
1/3
29-Jul-05
BAT54W/BAT54CW BAT54AW/BAT54SW
WEITRON
Symbol VR IF(AV) IFRM IFSM TJ Tstg BAT54W/CW/AW/SW 30 200 300 600 -55 to +125 -55 to +150 Unit Volts mA mA mA C C
Maximum Ratings
Characteristic Reverse Voltage
(TJ=125 C Unless otherwise noted)
Average Rectifier Forward Current Peak Repetitive Forward Current Rated VR, Square Wave,20KHz Non-Repetitive Forward Current(t 1.0s) Operating Junction Temperature Range Storage Temperature Range
Electrical Characteristics
Characteristic
(TA=25 C Unless otherwise noted) Symbol V(BR)R VF Min 30 0.22 0.29 0.35 0.41 0.52 7.6 0.5 0.24 0.32 0.40 0.50 1.00 10 2.0 5.0 Typ Max Unit Volts Volts
Reverse Breakdown Voltage (IR=10A) Forward Voltage IF=0.1mA IF=1.0mA IF=10mA IF=30mA IF=100mA Total Capacitance (VR=1.0V, f=1.0MHz) Reverse Leakage (VR=25V) Reverse Recover Time (IF=IR =10mA, IR(Rec)=1.0mA)
CT IR Trr
PF Adc nS
Device Marking
Item BAT54W BAT54CW BAT54AW BAT54SW Marking B4 , KL5 L3 , KL7 B6 , B7 , KL6 B8 , KL8 Eqivalent Circuit diagram
3 3 3 3 1 1 2 1 2 1 2
http://www.weitron.com.tw
WEITRON
2/3
29-Jul-05
BAT54W/BAT54CW BAT54AW/BAT54SW
820 +10V 2.0K 100 H 0.1F D.U.T. 50 OUTPUT PULSE GENERATOR 50 INPUT SAMPLING OSCILLOSCOPE VR IF 0.1F tr 10% tp t IF
WEITRON
trr
t
90% INPUT SIGNAL IR IR(REC)=1.0mA OUTPUT PULSE (IF=IR=10mA, MEASURED AT IR(REC)=1.0mA
Notes:1. A 2.0 k variable resistor for a Forward Current (IF) 0f 10 mA 2. Input pules is adjusted so IR(peak) is equal to 10 mA 3. tp trr
FIG.1 Recovery Time Equivalent Test Circuit
100 1000
IF, FORWARD CURRENT (mA)
IR, REVERSE CURRENT (A)
TA=150 C 100 TA=125 C 10 1.0 TA=85 C 0.1 0.01
10
150 C
1.0
125 C 25 C -40 C -55 C 0.0 0.1 0.2 0.3 0.4 0.5 0.6
85 C
TA=25 C 0 5 10 15 20 25 30
0.1
0.001
VF, FORWARD VOLTAGE (V)
VR,REVERSE VOLTAGE (V)
FIG.2 Forward Voltage
14
FIG.3 Leakage Current
CT,TOTAL CAPACITANCE (pF)
12 10 8 6 4 2 0 0 5 10 15 20 25 30
VR,REVERSE VOLTAGE (V)
FIG.4 Toral Capacitance
http://www.weitron.com.tw
WEITRON
3/3
29-Jul-05


▲Up To Search▲   

 
Price & Availability of BAT54W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X